http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2008.3.6 capacitors > monolithic ceramic capacitors o this data sheet is applied for chip monolithic ceramic capacitor used for general electronics equipment for your design. o solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder te mperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use. o use of sn-zn based solder will deteriorate reliability of mlcc. please check with our sales represetatives for the use of sn-zn based solder in advance. the rohs compliance means that we judge from eu directive 2002/95/ec the products do not contain lead, cadmium, mercury, hexa valent chromium, pbb and pbde, except exemptions stated in eu directive 2002/95/ec annex and impurities existing in natural world. this statement does not insure the compliance of any of the listed parts with any laws or legal imperatives developed by any eu members individually with regards to the rohs directive. monolithic ceramic capacitors grm1882c1h221ja01 p (0603, ch, 220pf, 50vdc) p : packaging code l t w (in mm) e e g rohs regulation conformity parts dimensions length l 1.6mm 0.1mm width w 0.8mm 0.1mm thickness t 0.8mm 0.1mm electrode e 0.2 to 0.5mm electrode gap g (min.) 0.5mm rated value murata pn code spec tenperature char. 2c ch (jis), 0 60ppm/ c capacitance 221 220pf capacitance change j 5% rated voltage 1h 50vdc packaging code packaging minimum quantity d 180mm paper tape 4000 j 330mm paper tape 10000 c bulk case 15000 b bulk(bag) 1000 specifications please refer to 'grm series specification and test methods (1)' pdf file.
|